|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10.7 MHZ, LEADED LOW LOSS CERAMIC FILTERS AFC10.7M Series FEATURES: * Small size, Light weight * Low loss and high attenuation. 7 x 4 x 7 mm APPLICATIONS: * FM receivers * Digital transmission systems * Communications applications. STANDARD SPECIFICATIONS AFC10.7M SERIES Part Number AFC10.7MA AFC10.7MS AFC10.7MC AFC10.7MJ(*) 3 dB Bandwidth 20 dB Bandwidth Insertion Loss Spurious Attenuation Input / Output (kHz) (kHz) max. (dB) max. 9-12 MHz (dB) min. Impedance(W) 280 50 650 6 30 330 600 6 40 330 230 50 520 7 40 330 180 40 150 40 400 10 38 330 (*) color 2 color Low-loss type 3 dB Bandwidth 20 dB Bandwidth Insertion Loss Spurious Attenuation Input / Output (kHz) (kHz) max. (dB) max. 9-12 MHz (dB) min. Impedance(W) 590 2.5 2.0 30 330 AFC10.7MA25 280 50 520 3.0 2.0 35 330 AFC10.7MS30 230 50 470 3.5 1.5 35 330 AFC10.7MC35 180 40 330 (*) 360 4.5 2.0 35 AFC10.7MJ45 150 40 Part Number Pin connections 1 Input 2 GND 3 Output Test circuit R1 1 Rs 2 R2 3 C Wide or narrow bandwidth type Part Number AFC10.7MW350 AFC10.7MW330 AFC10.7MW110 AFC10.7MW20 3 dB Bandwidth 20 dB Bandwidth Insertion Loss Spurious Attenuation Input / Output (kHz) (kHz) max. (dB) max. 9-12 MHz (dB) min. Impedance(W) 20 470 (*) 950 3.0 2.0 350 min. 330 50 680 4.0 2.0 30 330 110 30 350 7.0 2.0 30 330 600 (*) 24 95 6.0 max. 20 min. C = 10pF (including stray capacitance) Dimensions: Inches (mm) Color Code Category Center Frequency A B C D E 10.70MHz30kHz 10.67MHz30kHz 10.76MHz30kHz 10.64MHz30kHz 10.73MHz30kHz Color Red Blue White Black Orange ORDERING OPTIONS AFC10.7MXXXX see part number Packaging Frequency Characteristics - Ammo (Ammo pack) 0 AFC10.7MA 0 AFC10.7MS 0 AFC10.7MC Attenuation(dB) 10 20 30 40 10.3 10.5 10.7 10.9 11.1 Attenuation(dB) 10 20 30 40 10.3 10.5 10.7 10.9 11.1 Attenuation(dB) Storage temperature: -40C to +85C Packaging: Bullk: Plastic packing 500pcs. See appendix H. Ammo pack (Taping): carton box packing: 1,500pcs. See appendix H Environmental and mechanical specification, see appendix C. Group 6. Marking, see appendix G. Application notes, see appendix A. Recommended handling, see appendix F. 10 20 30 40 10.3 10.5 10.7 10.9 11.1 (*) As of 09/02 parts are under development. Frequency(MHz) Frequency(MHz) Frequency(MHz) NOTE: Left blank if standard * All specifications and markings subject to change without notice ABRACON ABRACON IS ISO 9001 / QS 9000 CERTIFIED 29 Journey * Aliso Viejo, CA 92656 * USA (949) 448-7070 * FAX: (949) 448-8484 E-MAIL: abinfo@ abracon.com * INTERNET ADDRESS: www.abracon.com (R) C O R P O R AT I O N |
Price & Availability of AFC107M |